PART |
Description |
Maker |
MPC7450RXLDPND MPC7450RXLDPNS |
MPC7450 Specification for the XPC7450RXnnnLD Series part number specification pns Part Number Specification for the XPC7450RXnnnLD Series Part Number Specification for the XPC7451RXnnnLD Series
|
Motorola
|
DW3316-395 |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 2 FUNCTIONS, TELECOM FILTER
|
Coilcraft, Inc.
|
DS3316P-682 |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
DO3308P-683 DO3308P-473 DO3308P-104 DO3308P-103 DO |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 68 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 47 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 100 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 10 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 150 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 220 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 15 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 1000 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
90131-0130 90131-0932 90131-0925 90131-0931 90131- |
Header; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 40POS .100 STR TIN 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:50; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Tn-A 52Ckt 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-E 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53048-0210 53048-0410 |
1.25mm PITCH WIRE-TO-BOARD SYSTEM THRU-HOLE RIGHT-ANGLE HEADERS - FIG. 3 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:4; Pitch Spacing:1.25mm; Number of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|